Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 988 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 988 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 986Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 992Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 936 of 1102
REJ09B0294-0100
(b) Device Selection
The boot program will set the supported device to the specified device code. The program will
return the selected device code in response to the inquiry after this setting has been made.
Command
H'10
Size
Device code
SUM
• Command, H'10, (one byte): Device selection
• Size (one byte): Amount of device-code data
This is fixed at 4
• Device code (four bytes): Device code (ASCII code) returned in response to the supported
device inquiry
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to the device selection command
ACK will be returned when the device code matches.
Error response
H'90
ERROR
• Error response, H'90, (one byte): Error response to the device selection command
ERROR
: (one byte): Error code
H'11: Sum check error
H'21: Device code error, that is, the device code does not match
(c)
Clock Mode Inquiry
The boot program will return the supported clock modes in response to the clock mode inquiry.
Command
H'21
• Command, H'21, (one byte): Inquiry regarding clock mode
Response
H'31
Size
Mode
···
SUM
• Response, H'31, (one byte): Response to the clock-mode inquiry
• Size (one byte): Amount of data that represents the modes
• Mode (one byte): Values of the supported clock modes (i.e. H'01 means clock mode 1.)
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com