Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 991 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 991 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 992Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 993Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 994Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 995Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 991 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 939 of 1102
REJ09B0294-0100
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values.
Command
H'23
• Command, H'23, (one byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating
clock frequencies
Minimum value of
operating clock frequency
Maximum value of operating clock
frequency
···
SUM
• Response, H'33, (one byte): Response to operating clock frequency inquiry
• Size (one byte): The number of bytes that represents the minimum values, maximum values,
and the number of frequencies.
• Number of operating clock frequencies (one byte): The number of supported operating clock
frequency types
(e.g. when there are two operating clock frequency types, which are the main and peripheral
clocks, the number of types will be H'02.)
• Minimum value of operating clock frequency (two bytes): The minimum value of the
multiplied or divided clock frequency.
The minimum and maximum values of the operating clock frequency represent the values in
MHz, valid to the hundredths place of MHz, and multiplied by 100. (e.g. when the value is
17.00 MHz, it will be 2000, which is H'07D0.)
• Maximum value (two bytes): Maximum value among the multiplied or divided clock
frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequencies.
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com