Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 993 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 993 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 992Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 993Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 994Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 995Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 997Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 941 of 1102
REJ09B0294-0100
• Block last Address (four bytes): Last address of a block
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (one byte): Checksum
(i)
Programming Unit Inquiry
The boot program will return the programming unit used to program data.
Command
H'27
• Command, H'27, (one byte): Inquiry regarding programming unit
Response
H'37
Size
Programming unit
SUM
• Response, H'37, (one byte): Response to programming unit inquiry
• Size (one byte): The number of bytes that indicate the programming unit, which is fixed to 2
• Programming unit (two bytes): A unit for programming
This is the unit for reception of programming.
• SUM (one byte): Checksum
(j)
New Bit-Rate Selection
The boot program will set a new bit rate and return the new bit rate.
This selection should be sent after sending the clock mode selection command.
Command
H'3F
Size
Bit rate
Input frequency
Number of
multiplication ratios
Multiplication
ratio 1
Multiplication
ratio 2
SUM
• Command, H'3F, (one byte): Selection of new bit rate
• Size (one byte): The number of bytes that represents the bit rate, input frequency, number of
multiplication ratios, and multiplication ratio
• Bit rate (two bytes): New bit rate
One hundredth of the value (e.g. when the value is 19200 bps, it will be 192, which is H'00C0.)
• Input frequency (two bytes): Frequency of the clock input to the boot program
This is valid to the hundredths place and represents the value in MHz multiplied by 100. (E.g.
when the value is 20.00 MHz, it will be 2000, which is H'07D0.)
• Number of multiplication ratios (one byte): The number of multiplication ratios to which the
device can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com