Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 995 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 995 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 992Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 993Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 994Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 995Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 943 of 1102
REJ09B0294-0100
(4) Receive Data Check
The methods for checking of receive data are listed below.
1. Input frequency
The received value of the input frequency is checked to ensure that it is within the range of
minimum to maximum frequencies which matches the clock modes of the specified device.
When the value is out of this range, an input-frequency error is generated.
2. Multiplication ratio
The received value of the multiplication ratio or division ratio is checked to ensure that it
matches the clock modes of the specified device. When the value is out of this range, an input-
frequency error is generated.
3. Operating frequency error
Operating frequency is calculated from the received value of the input frequency and the
multiplication or division ratio. The input frequency is input to the LSI and the LSI is operated
at the operating frequency. The expression is given below.
Operating frequency = Input frequency
× Multiplication ratio, or
Operating frequency = Input frequency
÷ Division ratio
The calculated operating frequency should be checked to ensure that it is within the range of
minimum to maximum frequencies which are available with the clock modes of the specified
device. When it is out of this range, an operating frequency error is generated.
4. Bit rate
To facilitate error checking, the value (n) of clock select (CKS) in the serial mode register
(SMR), and the value (N) in the bit rate register (BRR), which are found from the peripheral
operating clock frequency (
φ) and bit rate (B), are used to calculate the error rate to ensure that
it is less than 4%. If the error is more than 4%, a bit rate error is generated. The error is
calculated using the following expression:
Error (%) = {[
]
− 1} × 100
(N + 1)
× B × 64 × 2(2×n − 1)
φ × 106
When the new bit rate is selectable, the rate will be set in the register after sending ACK in
response. The host will send an ACK with the new bit rate for confirmation and the boot program
will response with that rate.
Confirmation
H'06
• Confirmation, H'06, (one byte): Confirmation of a new bit rate
Response
H'06
• Response, H'06, (one byte): Response to confirmation of a new bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com