Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 994 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 994 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 992Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 993Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 994Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 995Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 998Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 942 of 1102
REJ09B0294-0100
• Multiplication ratio 1 (one byte): The value of multiplication or division ratios for the main
operating frequency
Multiplication ratio (one byte): The value of the multiplication ratio (e.g. when the clock
frequency is multiplied by four, the multiplication ratio will be H'04.)
Division ratio: The inverse of the division ratio, as a negative number (e.g. when the clock
frequency is divided by two, the value of division ratio will be H'FE. H'FE = D'-2)
• Multiplication ratio 2 (one byte): The value of multiplication or division ratios for the
peripheral frequency
Multiplication ratio (one byte): The value of the multiplication ratio (e.g. when the clock
frequency is multiplied by four, the multiplication ratio will be H'04.)
(Division ratio: The inverse of the division ratio, as a negative number (E.g. when the clock is
divided by two, the value of division ratio will be H'FE. H'FE = D'-2)
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to selection of a new bit rate
When it is possible to set the bit rate, the response will be ACK.
Error Response
H'BF
ERROR
• Error response, H'BF, (one byte): Error response to selection of new bit rate
• ERROR: (one byte): Error code
H'11:
Sum checking error
H'24:
Bit-rate selection error
The rate is not available.
H'25:
Error in input frequency
This input frequency is not within the specified range.
H'26:
Multiplication-ratio error
The ratio does not match an available ratio.
H'27:
Operating frequency error
The frequency is not within the specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com