Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1010 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1010 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1006Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1007Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1008Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1009Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1010Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1011Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1012Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1013Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1014Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1010 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 958 of 1102
REJ09B0294-0100
EXTAL
MD_CLK
XTAL
PLL circuit
Main clock
oscillator
OSC1
OSC2
Waveform
generation
circuit
Subclock
oscillator
Note: * Values in parentheses are setting values when MD_CLK = 1.
System clock (I
φ)
(to the CPU and
bus masters)
Peripheral module
clock (P
φ)
(to peripheral modules)
External bus clock (B
φ)
(to the B
φ and SDφ pins)
32K timer clock (SUBCK)
(to TM32K)
USB clock (cku)
(to USB)
ICK2 to ICK0
CK32K
CK32K
CK32K
cks
cku
ckb
ckm
SCKCR
SUBCKCR
Divider
Subclock
PCK2 to PCK0
BCK2 to BCK0
Selector
× 2 (1)
× 1 (1/2)
× 1/2 (setting prohibited)
EXTAL
× 4 (2)*
EXTAL
× 4 (3)
SCKCR
SUBCKCR
Selector
SCKCR
SUBCKCR
Selector
Figure 22.1 Block Diagram of Clock Pulse Generator
Table 22.1
Selection of Clock Pulse Generator
MD_CLK
EXTAL Input
Clock Frequencies
I
φ/Pφ/Bφ
USB Clock (cku)
0
8 MHz to 18 MHz
EXTAL
×4, ×2, ×1, ×1/2
EXTAL
×4
1
16 MHz
EXTAL
×2, ×1, ×1/2
EXTAL
×3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com