Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1014 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1014 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1010Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1011Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1012Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1013Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1014Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1015Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1018Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 962 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
2
EXSTP
0
R/W
Main Clock Oscillation Stop
0:
The main clock oscillator and PLL remain active
during subclock operation, but are stopped in
standby mode.
1:
The main clock oscillator and PLL are stopped
during subclock operation.
1
WAKE32K
0
R/W
Wakeup Clock Select
Selects the operating clock for use as the system clock
after the transition from the subclock operation in
software standby mode has been initiated by an
interrupt.
0:
On leaving software standby mode, the main clock
is the operating clock.
1:
On leaving software standby mode, the subclock is
the operating clock. This setting is valid when bit 0
(CK32K) is set to 1.
0
CK32K
0
R/W
Subclock Select
0:
The system clock (I
φ), peripheral module clock
(P
φ), and external bus clock (Bφ) operate on the
main clock.
1:
The system clock (I
φ), peripheral module clock
(P
φ), and external bus clock (Bφ) operate on the
subclock.
When the OSC32STP bit in TCR32K is 1, 1 cannot be
written to this bit. This bit is cleared to 0 when clearing
software standby mode while the value of WAKE32K
is 0. Dummy read of this bit must be performed twice
immediately after this bit is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com