Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1018 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1018 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1014Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1015Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1018Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1022Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 966 of 1102
REJ09B0294-0100
Figure 22.7 shows an equivalent circuit for the 32.768-kHz crystal resonator.
OSC1
OSC2
C
s
L
s
R
s
C
o
C
o = 1.5 pF (typ.)
R
s = 14 kΩ (typ.)
fw = 32.768 kHz
Figure 22.7 Equivalent Circuit for 32.768-kHz Crystal Resonator
22.5.2
Handling of Pins when the Subclock is Not to be Used
If the subclock is not required, connect the OSC1 pin to Vss and leave the OSC2 pin open, as
shown in figure 22.8.
OSC1
OSC2
Open
Figure 22.8 Pin Handling when Subclock is not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com