Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1025 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1025 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1022Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1023Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1025Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1027Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1028Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1029Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1025 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 973 of 1102
REJ09B0294-0100
Main clock operation
(CK32K = 0)
Subclock operation
(CK32K = 0)
Notes: 1. NMI, IRQ0 to IRQ11, 8-bit timer interrupts, watchdog timer interrupts, and 32K timer interrupts.
Note that the 8-bit timer interrupt is valid when the MSTPCRA9 or MSTPCRA8 bit is cleared to 0
2. NMI, IRQ0 to IRQ11, and 32K timer interrupts. Note that IRQ is valid only when the corresponding bit
in SSIER is set to 1.
3. The SLPIE bit is 0.
Notes:
• From any state, a transition to hardware standby mode occurs when STBY is driven low.
• From any state except hardware syandby mode, a transition to the reset state occurs when RES is driven low.
Reset state
Program execution state
Hardware
standby mode
Software
standby mode
SSBY = 0
SSBY = 1
SSBY = 0, ACSE = 1
MSTPCR = H'F[C-F]FFFFFF
STBY pin = high
RES pin = low
RES pin = low
STBY pin = low
RES pin = high
SLEEP instruction
*3
SLEEP instruction*3
SLEEP instruction
*3
Interrupt
*1
Interrupt
*2
All interrupts
SLEEP instruction
SLEEP instruction
SLEEP instruction
All interrupts
CK32K = 0
CK32K = 1
Transition after exception handling
[Legend]
WAKE32K = 0
and Interrupt
*2
Sleep mode
All-module-clock-
stop mode
Program execution state
Program halted state
Program halted state
SSBY = 1
Software
standby mode
SSBY = 0
SSBY = 0, ACSE = 1
MSTPCR = H'F[C-F]FFFFFF
Sleep mode
All-module-clock-
stop mode
Interrupt
*1
WAKE32K = 1
and Interrupt
*2
Figure 23.1 Mode Transitions
23.2
Register Descriptions
The registers related to the power-down modes are shown below. For details on the system clock
control register (SCKCR), refer to section 22.1.1, System Clock Control Register (SCKCR).
• Standby control register (SBYCR)
• Module stop control register A (MSTPCRA)
• Module stop control register B (MSTPCRB)
• Module stop control register C (MSTPCRC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com