Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1028 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1028 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1025Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1027Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1028Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1029Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1030Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1031Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1032Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 976 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
SLPIE
0
R/W
Sleep Instruction Exception Handling Enable
Selects whether the execution of a SLEEP instruction
initiates sleep instruction exception handling or a
transition to the power-down state.
0: The execution of a SLEEP instruction does not initiate
sleep instruction exception handling.
1: The execution of a SLEEP instruction initiates sleep
instruction exception handling. After execution of the
sleep instruction exception handling, this bit remains
set to 1. Writing 0 clears this bit.
6 to 0
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
[Legend]
X: Don't care
Note:
With the F-ZTAT version, the flash memory settling time must be reserved.
23.2.2
Module Stop Control Registers A and B (MSTPCRA and MSTPCRB)
MSTPCRA and MSTPCRB set the module stop function. Setting a bit to 1 makes the
corresponding module enter the module stop state, while clearing the bit to 0 clears the module
stop state.
• MSTPCRA
Bit
Bit Name
Initial Value
R/W
15
ACSE
0
R/W
14
MSTPA14
0
R/W
13
MSTPA13
0
R/W
12
MSTPA12
0
R/W
11
MSTPA11
1
R/W
10
MSTPA10
1
R/W
9
MSTPA9
1
R/W
8
MSTPA8
1
R/W
Bit
Bit Name
Initial Value
R/W
7
MSTPA7
1
R/W
6
MSTPA6
1
R/W
5
MSTPA5
1
R/W
4
MSTPA4
1
R/W
3
MSTPA3
1
R/W
2
MSTPA2
1
R/W
1
MSTPA1
1
R/W
0
MSTPA0
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com