Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1035 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1035 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1031Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1032Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1039Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1035 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 983 of 1102
REJ09B0294-0100
23.7
Software Standby Mode
23.7.1
Transition to Software Standby Mode
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1, software standby
mode is entered. In this mode, the CPU, on-chip peripheral functions, and oscillator all stop.
However, the contents of the CPU's internal registers, on-chip RAM data, and the states of on-chip
peripheral functions other than the SCI, and the states of the I/O ports, are retained. Whether the
address bus and bus control signals are placed in the high-impedance state or retain the output
state can be specified by the OPE bit in SBYCR. In this mode the oscillator stops, allowing power
consumption to be significantly reduced.
If the WDT is used as a watchdog timer, it is impossible to make a transition to software standby
mode. The WDT should be stopped before the SLEEP instruction execution.
23.7.2
Clearing Software Standby Mode
Software standby mode is cleared by an external interrupt (NMI pin, or pins
IRQ0 to IRQ11*),
internal interrupt (32K timer) or by means of the
RES pin or STBY pin.
1. Clearing by interrupt
When an NMI or IRQ0 to IRQ11* interrupt request signal is input, clock oscillation starts, and
after the elapse of the time set in bits STS4 to STS0 in SBYCR, stable clocks are supplied to
the entire LSI, software standby mode is cleared, and interrupt exception handling is started.
When clearing software standby mode with an IRQ0 to IRQ11* interrupt, set the
corresponding enable bit to 1 and ensure that no interrupt with a higher priority than interrupts
IRQ0 to IRQ11* is generated. Software standby mode cannot be cleared if the interrupt has
been masked on the CPU side or has been designated as a DTC activation source.
Note: * By setting the SSIn bit in SSIER to 1,
IRQ0 to IRQ11 can be used as a software
standby mode clearing source.
2. Clearing by
RES pin
When the
RES pin is driven low, clock oscillation is started. At the same time as clock
oscillation starts, clocks are supplied to the entire LSI. Note that the
RES pin must be held low
until clock oscillation settles. When the
RES pin goes high, the CPU begins reset exception
handling.
3. Clearing by
STBY pin
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com