Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1036 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1036 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1032Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1040Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1036 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 984 of 1102
REJ09B0294-0100
23.7.3
Setting Oscillation Settling Time after Clearing Software Standby Mode
Bits STS4 to STS0 in SBYCR should be set as described below.
1. Using a crystal resonator
Set bits STS4 to STS0 so that the standby time is at least equal to the oscillation settling time.
Table 23.2 shows the standby times for operating frequencies and settings of bits STS4 to
STS0.
2. Using an external clock
A PLL circuit settling time is necessary. Refer to table 23.2 to set the standby time.
Table 23.2
Oscillation Settling Time Settings
P
φ* [MHz]
STS4 STS3 STS2 STS1 STS0
Standby
Time
35
25
20
Unit
0
0
0
0
0
Reserved
µs
1
Reserved
1
0
Reserved
1
Reserved
1
0
0
Reserved
1
64
1.8
2.6
3.2
1
0
512
14.6
20.5
25.6
1
1024
29.3
41.0
51.2
1
0
0
0
2048
58.5
81.9
102.4
1
4096
0.12
0.16
0.20
ms
1
0
16384
0.47
0.66
0.82
1
32768
0.94
1.31
1.64
1
0
0
65536
1.87
2.62
3.28
1
131072
3.74
5.24
6.55
1
0
262144
7.49
10.49
13.11
1
524288
14.98
20.97
26.21
1
0
0
0
0
Reserved
: Recommended time setting when using an external clock.
: Recommended time setting when using a crystal resonator.
Note:
*
P
φ is the output from the peripheral module frequency divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com