Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1056 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1056 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1054Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1055Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1056Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1060Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1056 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 1004 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Port C register
PORTC
8
H'FFF4B
I/O port
8
2P
φ/—
Port D register
PORTD
8
H'FFF4C
I/O port
8
2P
φ/—
Port E register
PORTE
8
H'FFF4D
I/O port
8
2P
φ/—
Port F register
PORTF
8
H'FFF4E
I/O port
8
2P
φ/—
Port 1 data register
P1DR
8
H'FFF50
I/O port
8
2P
φ/2Pφ
Port 2 data register
P2DR
8
H'FFF51
I/O port
8
2P
φ/2Pφ
Port 3 data register
P3DR
8
H'FFF52
I/O port
8
2P
φ/2Pφ
Port 6 data register
P6DR
8
H'FFF55
I/O port
8
2P
φ/2Pφ
Port A data register
PADR
8
H'FFF59
I/O port
8
2P
φ/2Pφ
Port B data register
PBDR
8
H'FFF5A
I/O port
8
2P
φ/2Pφ
Port C data register
PCDR
8
H'FFF5B
I/O port
8
2P
φ/2Pφ
Port D data register
PDDR
8
H'FFF5C
I/O port
8
2P
φ/2Pφ
Port E data register
PEDR
8
H'FFF5D
I/O port
8
2P
φ/2Pφ
Port F data register
PFDR
8
H'FFF5E
I/O port
8
2P
φ/2Pφ
Serial mode register_2
SMR_2
8
H'FFF60
SCI_2
8
2P
φ/2Pφ
Bit rate register_2
BRR_2
8
H'FFF61
SCI_2
8
2P
φ/2Pφ
Serial control register_2
SCR_2
8
H'FFF62
SCI_2
8
2P
φ/2Pφ
Transmit data register_2
TDR_2
8
H'FFF63
SCI_2
8
2P
φ/2Pφ
Serial status register_2
SSR_2
8
H'FFF64
SCI_2
8
2P
φ/2Pφ
Receive data register_2
RDR_2
8
H'FFF65
SCI_2
8
2P
φ/2Pφ
Smart card mode register_2
SCMR_2
8
H'FFF66
SCI_2
8
2P
φ/2Pφ
D/A data register 0
DADR0
8
H'FFF68
D/A
8
2P
φ/2Pφ
D/A data register 1
DADR1
8
H'FFF69
D/A
8
2P
φ/2Pφ
D/A control register 01
DACR01
8
H'FFF6A
D/A
8
2P
φ/2Pφ
PPG output control register
PCR
8
H'FFF76
PPG
8
2P
φ/2Pφ
PPG output mode register
PMR
8
H'FFF77
PPG
8
2P
φ/2Pφ
Next data enable register H
NDERH
8
H'FFF78
PPG
8
2P
φ/2Pφ
Next data enable register L
NDERL
8
H'FFF79
PPG
8
2P
φ/2Pφ
Output data register H
PODRH
8
H'FFF7A
PPG
8
2P
φ/2Pφ
Output data register L
PODRL
8
H'FFF7B
PPG
8
2P
φ/2Pφ
Next data register H*
NDRH
8
H'FFF7C
PPG
8
2P
φ/2Pφ
Next data register L*
NDRL
8
H'FFF7D
PPG
8
2P
φ/2Pφ
Next data register H*
NDRH
8
H'FFF7E
PPG
8
2P
φ/2Pφ
Next data register L*
NDRL
8
H'FFF7F
PPG
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com