Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1057 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1057 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1054Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1055Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1056Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1061Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 1005 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Serial mode register_0
SMR_0
8
H'FFF80
SCI_0
8
2P
φ/2Pφ
Bit rate register_0
BRR_0
8
H'FFF81
SCI_0
8
2P
φ/2Pφ
Serial control register_0
SCR_0
8
H'FFF82
SCI_0
8
2P
φ/2Pφ
Transmit data register_0
TDR_0
8
H'FFF83
SCI_0
8
2P
φ/2Pφ
Serial status register_0
SSR_0
8
H'FFF84
SCI_0
8
2P
φ/2Pφ
Receive data register_0
RDR_0
8
H'FFF85
SCI_0
8
2P
φ/2Pφ
Smart card mode register_0
SCMR_0
8
H'FFF86
SCI_0
8
2P
φ/2Pφ
Serial mode register_1
SMR_1
8
H'FFF88
SCI_1
8
2P
φ/2Pφ
Bit rate register_1
BRR_1
8
H'FFF89
SCI_1
8
2P
φ/2Pφ
Serial control register_1
SCR_1
8
H'FFF8A
SCI_1
8
2P
φ/2Pφ
Transmit data register_1
TDR_1
8
H'FFF8B
SCI_1
8
2P
φ/2Pφ
Serial status register_1
SSR_1
8
H'FFF8C
SCI_1
8
2P
φ/2Pφ
Receive data register_1
RDR_1
8
H'FFF8D
SCI_1
8
2P
φ/2Pφ
Smart card mode register_1
SCMR_1
8
H'FFF8E
SCI_1
8
2P
φ/2Pφ
A/D data register A
ADDRA
16
H'FFF90
A/D
16
2P
φ/2Pφ
A/D data register B
ADDRB
16
H'FFF92
A/D
16
2P
φ/2Pφ
A/D data register C
ADDRC
16
H'FFF94
A/D
16
2P
φ/2Pφ
A/D data register D
ADDRD
16
H'FFF96
A/D
16
2P
φ/2Pφ
A/D data register E
ADDRE
16
H'FFF98
A/D
16
2P
φ/2Pφ
A/D data register F
ADDRF
16
H'FFF9A
A/D
16
2P
φ/2Pφ
A/D data register G
ADDRG
16
H'FFF9C
A/D
16
2P
φ/2Pφ
A/D data register H
ADDRH
16
H'FFF9E
A/D
16
2P
φ/2Pφ
A/D control/status register
ADCSR
8
H'FFFA0
A/D
16
2P
φ/2Pφ
A/D control register
ADCR
8
H'FFFA1
A/D
16
2P
φ/2Pφ
Timer control/status register
TCSR
8
H'FFFA4
WDT
2P
φ/3Pφ
Timer counter
TCNT
8
H'FFFA5
WDT
2P
φ/3Pφ
Reset control/status register
RSTCSR
8
H'FFFA7
WDT
2P
φ/3Pφ
Timer control register_0
TCR_0
8
H'FFFB0
TMR_0
16
2P
φ/2Pφ
Timer control register_1
TCR_1
8
H'FFFB1
TMR_1
16
2P
φ/2Pφ
Timer control/status register_0
TCSR_0
8
H'FFFB2
TMR_0
16
2P
φ/2Pφ
Timer control/status register_1
TCSR_1
8
H'FFFB3
TMR_1
16
2P
φ/2Pφ
Time constant register A_0
TCORA_0
8
H'FFFB4
TMR_0
16
2P
φ/2Pφ
Time constant register A_1
TCORA_1
8
H'FFFB5
TMR_1
16
2P
φ/2Pφ
Time constant register B_0
TCORB_0
8
H'FFFB6
TMR_0
16
2P
φ/2Pφ
Time constant register B_1
TCORB_1
8
H'FFFB7
TMR_1
16
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com