Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1091 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1091 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1087Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1088Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1089Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1090Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1091Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1092Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1093Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1094Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1095Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1091 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1039 of 1102
REJ09B0294-0100
Section 25 Electrical Characteristics
25.1
Absolute Maximum Ratings
Table 25.1
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage
V
CC
PLLV
CC
–0.3 to +4.6
V
Input voltage (except for port 5)
V
in
–0.3 to V
CC +0.3
V
Input voltage (port 5)
V
in
–0.3 to AV
CC +0.3
V
Reference power supply voltage
V
ref
–0.3 to AV
CC +0.3
V
Analog power supply voltage
AV
CC
–0.3 to +4.6
V
Analog input voltage
V
AN
–0.3 to AV
CC +0.3
V
Regular specifications:
–20 to +75*
Operating temperature
T
opr
Wide-range specifications:
–40 to +85*
°C
Storage temperature
T
stg
–55 to +125
°C
Caution:
Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note:
*
The operating temperature range during programming/erasing of the flash memory is
0
°C to +75°C for regular specifications and 0°C to +85°C for wide-range specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com