Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1094 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1094 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1090Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1091Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1092Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1093Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1094Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1095Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1096Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1097Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1098Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1094 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1042 of 1102
REJ09B0294-0100
Item
Symbol Min.
Typ.
Max.
Unit
Test
Conditions
Vcc start voltage*
7
V
CCSTART
0.8
V
Vcc rising gradient*
7
SV
CC
20
ms/V
Notes: 1. When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.
2. The case where port 5 is used as
IRQ0 to IRQ7.
3. Current consumption values are for V
IHmin = VCC – 0.5 V and VILmax = 0.5 V with all
output pins unloaded and all input pull-up MOSs in the off state.
4. The values are for V
RAM ≤ VCC < 3.0 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
5. I
CC depends on f as follows:
I
CCmax = 35 (mA) + 1.8 (mA/MHz) × f (normal operation)
I
CCmax = 30 (mA) + 1.2 (mA/MHz) × f (sleep mode)
6. The values are for reference.
7. This can be applied when the
RES pin is held low at power-on.
Table 25.3
Permissible Output Currents
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = PLLVSS = DrVSS = AVSS = 0 V*, Ta = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low
current (per pin)
Output pins except
port 3
I
OL
2.0
mA
Permissible output low
current (per pin)
Port 3
I
OL
10
mA
Permissible output low
current (total)
Total of all output
pins
ΣI
OL
80
mA
Permissible output high
current (per pin)
All output pins
–I
OH
2.0
mA
Permissible output high
current (total)
Total of all output
pins
Σ–I
OH
40
mA
Caution:
To protect the LSI's reliability, do not exceed the output current values in table 25.3.
Note:
*
When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com