Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1134 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1134 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1130Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1131Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1132Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1133Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1134Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1135Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1136Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1082 of 1102
REJ09B0294-0100
25.4
USB Characteristics
Table 25.9
USB Characteristics when On-Chip USB Transceiver is Used
(USD
+, USD− pin characteristics)
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, VSS = PLLVSS = DrVSS = AVSS = 0 V,
CKU = 48 MHz, T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit Test Conditions
Input
Input high voltage
V
IH
2.0
V
Input low voltage
V
IL
0.8
V
Figures 25.51,
25.52
Differential input
sensitivity
V
DI
0.2
V
(D+) − (D−)
Differential common
mode range
V
CM
0.8
2.5
V
Output
Output high voltage
V
OH
2.8
V
I
OH = −200 µA
Output low voltage
V
OL
0.3
V
I
OL = 2 mA
Crossover voltage
V
CRS
1.3
2.0
V
Rising time
t
R
4
20
ns
Falling time
t
F
4
20
ns
Ratio of rising time to
falling time
t
RFM
90
111.11
%
(T
R/TF)
Output resistance
Z
DRV
28
44
Ω
Including
R
S = 22Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com