Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1136 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1136 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1132Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1133Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1134Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1135Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1136Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1138Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1136 / 1158 page
background image
Section 25 Electrical Characteristics
Rev.1.00 Jun. 07, 2006 Page 1084 of 1102
REJ09B0294-0100
25.5
A/D Conversion Characteristics
Table 25.10 A/D Conversion Characteristics
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V,
Vref = 3.0 V to AV
CC, VSS = PLLVSS = DrVSS = AVSS = 0 V, Pφ = 8 MHz to 35 MHz,
Ta = –20
°C to +75°C (regular specifications),
Ta = –40
°C to +85°C (wide-range specifications)
Item
Min.
Typ.
Max.
Unit
Resolution
10
10
10
Bit
Conversion time
7.6
µs
Analog input capacitance
20
pF
Permissible signal source impedance
5
k
Ω
Nonlinearity error
±7.5
LSB
Offset error
±7.5
LSB
Full-scale error
±7.5
LSB
Quantization error
±0.5
LSB
Absolute accuracy
±8.0
LSB
25.6
D/A Conversion Characteristics
Table 25.11 D/A Conversion Characteristics
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = PLLVSS = DrVSS = AVSS = 0 V, Pφ = 8 MHz to 35 MHz,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
8
8
Bit
Conversion time
10
µs
20-pF capacitive load
Absolute accuracy
±2.0
±3.0
LSB
2-M
Ω resistive load
±2.0
LSB
4-M
Ω resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com