Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 116Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 117Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 118Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 119Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 120Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 121Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 122Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 123Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1158 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Jun. 07, 2006 Page 68 of 1102
REJ09B0294-0100
3.2.2
System Control Register (SYSCR)
SYSCR controls MAC saturation operation, selects bus width mode for instruction fetch, sets
external bus mode, enables/disables the on-chip RAM, and selects the DTC address mode.
Bit
Bit Name
Initial Value
R/W
Note: * The initial value depends on the startup mode.
15
1
R/W
14
1
R/W
13
MACS
0
R/W
12
1
R/W
11
FETCHMD
0
R/W
10
Undefined*
R
9
EXPE
Undefined*
R/W
8
RAME
1
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
DTCMD
1
R/W
0
1
R/W
Bit
Bit Name
Initial
Value
R/W
Descriptions
15
14
1
1
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.
13
MACS
0
R/W
MAC Saturation Operation Control
Selects either saturation operation or non-saturation
operation for the MAC instruction.
0: MAC instruction is non-saturation operation
1: MAC instruction is saturation operation
12
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
11
FETCHMD 0
R/W
Instruction Fetch Mode Select
This LSI can prefetch an instruction in units of 16 bits or
32 bits. Select the bus width for instruction fetch
depending on the used memory for the storage of
programs*
1.
0: 32-bit mode
1: 16-bit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com