Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 117Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 118Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 119Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 120Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 121Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 122Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 123Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 124Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1158 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Jun. 07, 2006 Page 69 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
10
Undefined
*
2
R
Reserved
This bit is fixed at 1 in on-chip ROM enabled mode, and
0 in on-chip ROM disabled mode. This bit cannot be
changed.
9
EXPE
Undefined
*
2
R/W
External Bus Mode Enable
Selects external bus mode. In external extended mode,
this bit is fixed 1 and cannot be changed. In single-chip
mode, the initial value of this bit is 0, and can be read
from or written to.
When writing 0 to this bit after reading EXPE = 1, an
external bus cycle should not be executed.
The external bus cycle may be carried out in parallel
with the internal bus cycle depending on the setting of
the write data buffer function.
0: External bus disabled
1: External bus enabled
8
RAME
1
R/W
RAM Enable
Enables or disables the on-chip RAM. This bit is
initialized when the reset state is released. Do not write
0 during access to the on-chip RAM.
0: On-chip RAM disabled
1: On-chip RAM enabled
7 to 2
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
1
DTCMD
1
R/W
DTC Mode Select
Selects DTC operating mode.
0: DTC is in full-address mode
1: DTC is in short address mode
0
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
Notes: 1. For details on instruction fetch mode, see section 2.3, Instruction Fetch.
2. The initial value depends on the LSI initiation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com