Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1158 page
background image
Section 4 Exception Handling
Rev.1.00 Jun. 07, 2006 Page 85 of 1102
REJ09B0294-0100
4.5.2
Address Error Exception Handling
When an address error occurs, address error exception handling starts after the bus cycle causing
the address error ends and current instruction execution completes. The address error exception
handling is as follows:
1. The contents of PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the address error is generated, the
start address of the exception service routine is loaded from the vector table to PC, and
program execution starts from that address.
Even though an address error occurs during a transition to an address error exception handling, the
address error is not accepted. This prevents an address error from occurring due to stacking for
exception handling, thereby preventing infinitive stacking.
If the SP contents are not a multiple of 2 when an address error exception handling occurs, the
stacked values (PC, CCR, and EXR) are undefined.
When an address error occurs, the following is performed to halt the DTC and DMAC.
• The ERR bit of DTCCR in the DTC is set to 1.
• The ERRF bit of DMDR_0 in the DMAC is set to 1.
• The DTE bits of DMDRs for all channels in the DMAC are cleared to 0 to forcibly terminate
transfer.
Table 4.6 shows the state of CCR and EXR after execution of the address error exception
handling.
Table 4.6
Status of CCR and EXR after Address Error Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
T
I2 to I0
0
1
2
1
0
7
[Legend]
1:
Set to 1
0:
Cleared to 0
:
Retains the previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com