Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1158 page
background image
Section 4 Exception Handling
Rev.1.00 Jun. 07, 2006 Page 86 of 1102
REJ09B0294-0100
4.6
Interrupts
4.6.1
Interrupt Sources
Interrupt sources are NMI, IRQ0 to IRQ11, and on-chip peripheral modules, as shown in table 4.7.
Table 4.7
Interrupt Sources
Type
Source
Number of Sources
NMI
NMI pin (external input)
1
IRQ0 to IRQ11
Pins
IRQ0 to IRQ11 (external input)
12
DMA controller (DMAC)
8
Watchdog timer (WDT)
1
On-chip
peripheral
module
A/D converter
1
16-bit timer pulse unit (TPU)
26
8-bit timer (TMR)
16
Serial communications interface (SCI)
24
I
2C bus interface 2 (IIC2)
2
USB function module (USB)
5
Different vector numbers and vector table offsets are assigned to different interrupt sources. For
vector number and vector table offset, refer to table 5.2, Interrupt Sources, Vector Address
Offsets, and Interrupt Priority in section 5, Interrupt Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com