Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 212Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 213Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 214Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 215Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 216Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 217Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 218Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 219Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 164 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
15
CMF
0
R/(W)* Compare Match Flag
Indicates that the refresh timer counter (RTCNT) and
refresh timer constant register (RTCOR) match.
[Clearing conditions]
• When 0 is written to this bit after this bit is read as 1
with RFSHE = 0
• When CBR refresh is performed with RFSHE = 1
[Setting condition]
• When RTCNT matches RTCOR
14
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables an interrupt request (CMIF) when
the CMF flag is set to 1.
This bit is effective when refresh control is not
performed (RFSHE = 0). When refresh control is
performed (RFSHE = 1), this bit is always cleared to 0.
This bit cannot be modified.
13 to 12 RCW1
RCW0
0
0
R/W
R/W
CAS-RAS Wait Control
Select the number of wait cycles inserted between the
CAS asserted cycle and CAS asserted cycle during
DRAM refresh.
When the SDRAM space is selected, these bits do not
affect operations although they can be read from or
written to.
00: No wait cycle inserted
01: One wait cycle inserted
10: Two wait cycles inserted
11: Three wait cycles inserted
11
0
R
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com