Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 214Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 215Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 216Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 217Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 218Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 219Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 220Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 221Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 166 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
SLFRF
0
R/W
Self-Refresh Enable
Selects the self-refresh mode for the DRAM/SDRAM
interface when a transition to the software standby
mode is made with this bit set to 1. To perform a refresh
cycle by setting the RFSHE bit is set to 1, this bit is
effective.
To perform a self-refresh cycle when the SDRAM
interface is selected, enable the CKE output by setting
the OEE bit in DRAMCR.
0: Disables self-refresh
1: Enables self-refresh
2
1
0
TPS2
TPS1
TPS0
0
0
0
R/W
R/W
R/W
Precharge Cycle Control during Self-Refresh
Selects the number of precharge cycles immediately
after a self-refresh cycle. The number of actual number
of precharge cycles is the sum of the numbers indicated
by these bits and bits TPC1 and TPC0.
000: No wait cycle inserted
001: One wait cycle inserted
010: Two wait cycles inserted
010: Three wait cycles inserted
010: Four wait cycles inserted
010: Five wait cycles inserted
010: Six wait cycles inserted
010: Seven wait cycles inserted
Note: Only 0 can be written to this bit, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com