Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 253Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 254Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 255Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 256Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 257Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 258Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 259Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 260Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 205 of 1102
REJ09B0294-0100
6.7
Byte Control SRAM Interface
The byte control SRAM interface is a memory interface for outputting a byte select strobe during
a read or a write bus cycle. This interface has 16-bit data input/output pins and can be connected to
the SRAM that has the upper byte select and the lower byte select strobes such as
UB and LB.
The operation of the byte control SRAM interface is the same as the basic bus interface except
that: the byte select strobes (
LUB and LLB) are output from the write strobe output pins (LHWR
and
LLWR), respectively; the read strobe (RD) negation timing is a half cycle earlier than that in
the case where RDNn = 0 in the basic bus interface regardless of the RDNCR settings; and the
RD/
WR signal is used as write enable.
6.7.1
Byte Control SRAM Space Setting
Byte control SRAM interface can be specified for areas 0 to 7. Each area can be specified as byte
control SRAM interface by setting bits BCSELn (n = 0 to 7) in SRAMCR. For the area specified
as burst ROM interface or address/data multiplexed I/O interface, the SRAMCR setting is invalid
and byte control SRAM interface cannot be used.
6.7.2
Data Bus
The bus width of the byte control SRAM space can be specified as 16-bit byte control SRAM
space according to bits ABWHn and ABWLn (n = 0 to 7) in ABWCR. The area specified as 8-bit
access space cannot be specified as the byte control SRAM space.
For the 16-bit byte control SRAM space, data bus (D15 to D0) is valid.
Access size and data alignment are the same as the basic bus interface. For details, see section
6.5.6, Endian and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com