Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 257Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 258Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 259Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 260Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 261Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 262Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 263Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 264Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 209 of 1102
REJ09B0294-0100
6.7.5
Wait Control
The bus cycle can be extended for the byte control SRAM interface by inserting wait cycles (Tw)
in the same way as the basic bus interface.
(1) Program Wait Insertion
From 0 to 7 wait cycles can be inserted automatically between T2 cycle and T3 cycle for the 3-
state access space in area units, according to the settings in WTCRA and WTCRB.
(2) Pin Wait Insertion
For 3-state access space, when the WAITE bit in BCR1 is set to 1, the corresponding DDR bit is
cleared to 0, and the ICR bit is set to 1, wait input by means of the
WAIT pin is enabled. For
details on DDR and ICR, refer to section 9, I/O Ports.
Figure 6.27 shows an example of wait cycle insertion timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com