Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 30Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 31Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 32Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 37Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 2 of 1468
REJ09B0412-0200
1.1.2
Overview of Functions
Table 1.1 lists the functions of these LSI products in outline.
Table 1.2 shows the comparison of support functions in each group.
Table 1.1
Overview of Functions
Classification
Module/
Function
Description
ROM
• ROM capacity: 1024 Kbytes, 512 Kbytes, or 384 Kbytes
Memory
RAM
• RAM capacity: 56 Kbytes or 40 Kbytes
CPU
• 32-bit high-speed H8SX CPU (CISC type)
Upwardly compatible for H8/300, H8/300H, and H8S CPUs at
object level
• General-register architecture (sixteen 16-bit general registers)
• Eleven addressing modes
• 4-Gbyte address space
Program: 4 Gbytes available
Data: 4 Gbytes available
• 87 basic instructions, classifiable as bit arithmetic and logic
instructions, multiply and divide instructions, bit manipulation
instructions, multiply-and-accumulate instructions, and others
• Minimum instruction execution time: 20.0 ns (for an ADD
instruction while system clock I
φ = 50 MHz and
V
CC = 3.0 to 3.6 V)
• On-chip multiplier (16 × 16 → 32 bits)
• Supports multiply-and-accumulate instructions
(16
× 16 + 42 → 42 bits)
CPU
Operating
mode
• Advanced mode
Normal, middle, or maximum mode is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com