Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 87Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 88Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 89Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 90Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 91Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 92Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 93Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 94Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 59 of 1468
REJ09B0412-0200
Table 2.6
Arithmetic Operation Instructions
Instruction
Size
Function
ADD
SUB
B/W/L
(EAd)
± #IMM → (EAd), (EAd) ± (EAs) → (EAd)
Performs addition or subtraction on data between immediate data,
general registers, and memory. Immediate byte data cannot be
subtracted from byte data in a general register.
ADDX
SUBX
B/W/L
(EAd)
± #IMM ± C → (EAd), (EAd) ± (EAs) ± C → (EAd)
Performs addition or subtraction with carry on data between immediate
data, general registers, and memory. The addressing mode which
specifies a memory location can be specified as register indirect with
post-decrement or register indirect.
INC
DEC
B/W/L
Rd
± 1 → Rd, Rd ± 2 → Rd
Increments or decrements a general register by 1 or 2. (Byte operands
can be incremented or decremented by 1 only.)
ADDS
SUBS
L
Rd
± 1 → Rd, Rd ± 2 → Rd, Rd ± 4 → Rd
Adds or subtracts the value 1, 2, or 4 to or from data in a general register.
DAA
DAS
B
Rd (decimal adjust)
→ Rd
Decimal-adjusts an addition or subtraction result in a general register by
referring to the CCR to produce 2-digit 4-bit BCD data.
MULXU
B/W
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general registers: either 8
bits
× 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits.
MULU
W/L
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general registers: either 8
bits
× 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits.
MULU/U*
L
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general registers (32 bits
× 32 bits → upper 32 bits).
MULXS
B/W
Rd
× Rs → Rd
Performs signed multiplication on data in two general registers: either 8
bits
× 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits.
MULS
W/L
Rd
× Rs → Rd
Performs signed multiplication on data in two general registers: either 16
bits
× 16 bits → 16 bits, or 32 bits × 32 bits → 32 bits.
MULS/U*
L
Rd
× Rs → Rd
Performs signed multiplication on data in two general registers (32 bits
×
32 bits
→ upper 32 bits).
DIVXU
B/W
Rd
÷ Rs → Rd
Performs unsigned division on data in two general registers: either 16 bits
÷ 8 bits → 8-bit quotient and 8-bit remainder, or 32 bits ÷ 16 bits → 16-bit
quotient and 16-bit remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com