Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 31Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 32Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 37Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 38Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 3 of 1468
REJ09B0412-0200
Classification
Module/
Function
Description
CPU
MCU
operating
mode
Mode 1: User boot mode
(selected by driving the MD2 and MD1 pins low and
driving the MD0 pin high)
Mode 2: Boot mode
(selected by driving the MD2 and MD0 pins low and
driving the MD1 pin high)
Mode 3: Boundary scan enabled single chip mode
(selected by driving the MD2 pin low and driving the MD1
and MD0 pins high)
Mode 4: On-chip ROM disabled external extended mode, 16-bit
bus (selected by driving the MD1 and MD0 pins low and
driving the MD2 pin high)
Mode 5: On-chip ROM disabled external extended mode, 8-bit bus
(selected by driving the MD1 pin low and driving the MD2
and MD0 pins high)
Mode 6: On-chip ROM enabled external extended mode
(selected by driving the MD0 pin low and driving the MD2
and MD1 pins high)
Mode 7: Single-chip mode (can be externally extended)
(selected by driving the MD2, MD1, and MD0 pins high)
• Low power consumption state (transition driven by the SLEEP
instruction)
Power on reset (POR) *
• At power-on or low power supply voltage, an internal reset
signal is generated
Voltage detection circuit
(LVD)*
• At low power supply voltage, an internal reset and an interrupt
are generated.
Interrupt
controller
(INTC)
• 13 external interrupt pins (NMI, and IRQ11 to IRQ0)
• Internal interrupt sources
H8SX/1668R Group: 124 pins
H8SX/1668M Group: 125 pins
• Two interrupt control modes (specified by the interrupt control
register)
• Eight priority orders specifiable (by setting the interrupt priority
register)
• Independent vector addresses
Interrupt
(source)
Break
interrupt
(UBC)
• Break point can be set for four channels
• Address break can be set for CPU instruction fetch cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com