Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 71Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 72Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 73Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 74Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 75Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 76Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 77Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 43 of 1468
REJ09B0412-0200
2.5.1
General Registers
The H8SX CPU has eight 32-bit general registers. These general registers are all functionally alike
and can be used as both address registers and data registers. When a general register is used as a
data register, it can be accessed as a 32-bit, 16-bit, or 8-bit register. Figure 2.10 illustrates the
usage of the general registers.
When the general registers are used as 32-bit registers or address registers, they are designated by
the letters ER (ER0 to ER7).
When the general registers are used as 16-bit registers, the ER registers are divided into 16-bit
general registers designated by the letters E (E0 to E7) and R (R0 to R7). These registers are
functionally equivalent, providing a maximum sixteen 16-bit registers. The E registers (E0 to E7)
are also referred to as extended registers.
When the general registers are used as 8-bit registers, the R registers are divided into 8-bit general
registers designated by the letters RH (R0H to R7H) and RL (R0L to R7L). These registers are
functionally equivalent, providing a maximum sixteen 8-bit registers.
The general registers ER (ER0 to ER7), R (R0 to R7), and RL (R0L to R7L) are also used as index
registers. The size in the operand field determines which register is selected.
The usage of each register can be selected independently.
Address registers
32-bit registers
32-bit index registers
16-bit registers
General registers E
(E0 to E7)
8-bit registers
General registers RH
(R0H to R7H)
16-bit registers
16-bit index registers
General registers R
(R0 to R7)
8-bit registers
8-bit index registers
General registers RL
(R0L to R7L)
General registers ER
(ER0 to ER7)
•
•
•
•
•
•
•
•
•
Figure 2.10 Usage of General Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com