Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 37Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 38Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 39Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 40Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 5 of 1468
REJ09B0412-0200
Classification
Module/
Function
Description
Bus formats
• External memory interfaces (for the connection of ROM, burst
ROM, SRAM, byte control SRAM, DRAM, and synchronous
DRAM)
• Address/data bus format: Support for both separate and
multiplexed buses (8-bit access or 16-bit access)
External bus
extension
Bus
controller
(BSC)
• Endian conversion function for connecting devices in little-
endian format
Clock
Clock pulse
generator
(CPG)
• One clock generation circuit available
• Separate clock signals are provided for each of functional
modules (detailed below) and each is independently specifiable
(multi-clock function)
 System-intended data transfer modules, i.e. the CPU, runs
in synchronization with the system clock (I
φ): 8 to 50 MHz
 Internal peripheral functions run in synchronization with the
peripheral module clock (P
φ): 8 to 35 MHz
 Modules in the external space are supplied with the external
bus clock (B
φ): 8 to 50 MHz
• Includes a PLL frequency multiplication circuit and frequency
divider, so the operating frequency is selectable
• Five low-power-consumption modes: Sleep mode, all-module-
clock-stop mode, software standby mode, deep software
standby mode, and hardware standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com