Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 37Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 38Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 39Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 40Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 41Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 6 of 1468
REJ09B0412-0200
Classification
Module/
Function
Description
A/D converter
A/D
converter
(ADC)
• 10-bit resolution × two units
• Selectable input channel and unit configuration
Four channels
× two units (units 0 and 1)
Eight channels
× one unit (unit 0)
• Sample and hold function included
• Conversion time: 2.7 µs per channel (with peripheral module
clock (P
φ) at 25-MHz operation)
• Two operating modes: single mode and scan mode
• Three ways to start A/D conversion:
Unit 0: Software, timer (TPU (unit 0)/TMR (units 0 and 1))
trigger, and external trigger
Unit 1: Software, TMR (units 2 and 3) trigger, and external
trigger
• Activation of DTC and DMAC by ADI interrupt:
Unit 0: DTC and DMAC can be activated by an ADI0 interrupt.
Unit 1: DMAC can be activated by an ADI1 interrupt.
D/A converter
D/A
converter
(DAC)
• 8-bit resolution × two output channels
• Output voltage: 0 V to Vref, maximum conversion time: 10 µs
(with 20-pF load)
Timer
8-bit timer
(TMR)
• 8 bits × eight channels (can be used as 16 bits × four channels)
• Select from among seven clock sources (six internal clocks and
one external clock)
• Allows the output of pulse trains with a desired duty cycle or
PWM signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com