Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 90Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 91Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 92Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 93Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 94Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 95Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 96Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 97Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 62 of 1468
REJ09B0412-0200
Table 2.9
Bit Manipulation Instructions
Instruction
Size
Function
BSET
B
1
→ (<bit-No.> of <EAd>)
Sets a specified bit in the contents of a general register or a memory
location to 1. The bit number is specified by 3-bit immediate data or the
lower three bits of a general register.
BSET/cc
B
if cc, 1
→ (<bit-No.> of <EAd>)
If the specified condition is satisfied, this instruction sets a specified bit in
a memory location to 1. The bit number can be specified by 3-bit
immediate data, or by the lower three bits of a general register. The Z flag
status can be specified as a condition.
BCLR
B
0
→ (<bit-No.> of <EAd>)
Clears a specified bit in the contents of a general register or a memory
location to 0. The bit number is specified by 3-bit immediate data or the
lower three bits of a general register.
BCLR/cc
B
if cc, 0
→ (<bit-No.> of <EAd>)
If the specified condition is satisfied, this instruction clears a specified bit
in a memory location to 0. The bit number can be specified by 3-bit
immediate data, or by the lower three bits of a general register. The Z flag
status can be specified as a condition.
BNOT
B
∼ (<bit-No.> of <EAd>) → (<bit-No.> of <EAd>)
Inverts a specified bit in the contents of a general register or a memory
location. The bit number is specified by 3-bit immediate data or the lower
three bits of a general register.
BTST
B
∼ (<bit-No.> of <EAd>) → Z
Tests a specified bit in the contents of a general register or a memory
location and sets or clears the Z flag accordingly. The bit number is
specified by 3-bit immediate data or the lower three bits of a general
register.
BAND
B
C
∧ (<bit-No.> of <EAd>) → C
ANDs the carry flag with a specified bit in the contents of a general
register or a memory location and stores the result in the carry flag. The
bit number is specified by 3-bit immediate data.
BIAND
B
C
∧ [∼ (<bit-No.> of <EAd>)] → C
ANDs the carry flag with the inverse of a specified bit in the contents of a
general register or a memory location and stores the result in the carry
flag. The bit number is specified by 3-bit immediate data.
BOR
B
C
∨ (<bit-No.> of <EAd>) → C
ORs the carry flag with a specified bit in the contents of a general register
or a memory location and stores the result in the carry flag. The bit
number is specified by 3-bit immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com