Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 37Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 38Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 39Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 40Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 41Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 42Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 43Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 8 of 1468
REJ09B0412-0200
Classification
Module/
Function
Description
Serial interface
• Six channels (select asynchronous or clock synchronous serial
communications mode)
• Full-duplex communications capability
• Select the desired bit rate and LSB-first or MSB-first transfer
• Input average transfer rate clock from TMR (SCI_5, SCI_6)
• IrDA transmission and reception conformant with the IrDA
Specifications version 1.0
• On-chip cyclic redundancy check (CRC) calculator for improved
reliability in data transfer
Smart card/SIM
Serial
communi-
cations
interface
(SCI)
• The SCI module supports a smart card (SIM) interface.
Universal serial
bus interface
Universal
serial bus
interface
(USB)
• On-chip UDC (USB Device Controller) supporting USB 2.0 and
transceiver
• Transfer speed: full-speed (12 Mbps)
• Bulk transfer by DMA
• Self-power mode and bus power mode selectable
I
2C bus interface I2C bus
interface 2
(IIC2)
• Two channels
• Bus can be directly driven (the SCL and SDA pins are NMOS
open drains).
I/O ports
• 9 CMOS input-only pins
• 92 CMOS input/output pins
• 8 large-current drive pins (port 3)
• 40 pull-up resistors
• 16 open drains
Package
• LQFP-144 package
• LFBGA176 package
Operating frequency/
Power supply voltage
• Operating frequency: 8 to 50 MHz
• Power supply voltage: Vcc = PLLVcc = DrVcc = 3.0 to 3.6 V,
• Flash programming/erasure voltage: 3.0 to 3.6 V
• Supply current: 50 mA typ (Vcc = PLLVcc = DrVcc3.0 V, Avcc =
3.0 V, I
φ = Bφ = 50 MHz, Pφ = 25 MHz)
Operating peripheral
temperature (
°C)
• −20 to +75°C (regular specifications)
• −40 to +85°C (wide-range specifications)
Note:
*
Supported only by the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com