Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 50Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 51Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 52Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 53Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 54Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 55Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 56Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 57Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 1504 page
background image
Section 1 Overview
Rev. 2.00 Sep. 24, 2008 Page 22 of 1468
REJ09B0412-0200
Pin No.
Pin Name
LQFP-
144
LFBG
A-176 Modes 1, 2, and 6
Modes 3 and 7
Modes 4 and 5
129
B7
MD1
MD1
MD1
130
D6
PB4/
CS4-B/WE
PB4/
CS4-B/WE
PB4/
CS4-B/WE
131
C6
PB5/
CS5-D/OE/CKE
PB5/
CS5-D/OE/CKE
PB5/
CS5-D/OE/CKE
132
A6
PB6/
CS6-D/(RD/WR-
B)/
ADTRG0-B
PB6/
CS6-D/(RD/WR-B)/ADTRG0-B
PB6/
CS6-D/(RD/WR-B)/ADTRG0-
B
133
B6
MD3
MD3
MD3
134
C5
PA0/
BREQO/BS-A
PA0/
BREQO/BS-A
PA0/
BREQO/BS-A
135
A5
PA1/
BACK/(RD/WR-A)
PA1/
BACK/(RD/WR-A)
PA1/
BACK/(RD/WR-A)
136
B5
PA2/
BREQ/WAIT
PA2/
BREQ/WAIT
PA2/
BREQ/WAIT
137
D5
PA3/
LLWR/LLB
PA3/
LLWR/LLB
LLWR/LLB
138
A4
PA4/
LHWR/LUB
PA4/
LHWR/LUB
PA4/
LHWR/LUB
139
B4
PA5/
RD
PA5/
RD
RD
140
C4
PA6/
AS/AH/BS-B
PA6/
AS/AH/BS-B
PA6/
AS/AH/BS-B
A3
Vcc
Vcc
Vcc
141
D4
Vss
Vss
Vss
142
B3
PA7/B
φ
PA7/B
φ
PA7/B
φ
143
A2
Vcc
Vcc
Vcc
144
B2
PB0/
CS0/CS4-A/CS5-B
PB0/
CS0/CS4-A/CS5-B
PB0/
CS0/CS4-A/CS5-B
Note:
1. These pins can be used when the PCJKE bit in PFCRD is set to 1 in single-chip mode.
2.
Pins TDO,
TRST, TMS, TDI, and TCK are enabled in mode 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com