Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 341Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 342Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 343Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 344Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 345Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 346Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 347Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 348Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 313 of 1468
REJ09B0412-0200
9.11.7
Controlling Row Address Output Cycle
When the time between the ACTV command and the subsequent READ or WRIT command does
not meet a given specification, the Trw cycle in which the NOP command is output can be
inserted for one to three cycles between the Tr cycle in which the ACTV command is output and
the Tc1 cycle in which the column address is output. Set the bit according to the SDRAM to be
used and the frequency of this LSI so that the number of wait cycles can be optimal.
Figures 9.63 and 9.64 show a timing example when the one Trw cycle is inserted.
T
p
T
r
T
rw
T
c1
T
cl
T
c2
Address bus
Row address
Column address
SDRAM
φ
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
READ
NOP
NOP
DQMLU
DQMLL
D7 to D0
BS
RD/
WR
D15 to D8
Row
address
High
Figure 9.63 Read Timing Example of Row Address Output Retained for 1 Clock Cycle
(RCD1 = 0, RCD0 = 1, CAS Latency = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com