Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 355Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 356Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 357Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 358Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 359Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 360Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 361Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 362Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 327 of 1468
REJ09B0412-0200
9.11.13
Refresh Control
This LSI includes a DRAM refresh control function. The refresh method is the auto-refresh. Self-
refresh cycles can be performed in software standby mode.
The refresh control function is enabled when area 2 is specified as the SDRAM space by the
DRAME and DTYPE bits in DRAMCR.
(1)
Auto-Refresh Mode
Set the RFSHE bit in REFCR to 1 to select auto-refreshing.
An auto-refresh cycle is performed when the value set in RTCOR matches the RTCNT value
(compare match). RTCNT is an up-counter operated on the input clock specified bits RTCK2 to
RTCK0 in REFCR. RTCNT is initialized upon the compare match and restarts to count up with
H'00. Accordingly, an auto-refresh cycle is repeated at intervals specified by bits RTCK2 to
RTCK0 in RTCOR. Set the bits so that the required refresh intervals of the DRAM must be
satisfied.
Since setting bits RTCK2 to RTCK0 starts RTCNT to count up, set RTCNT and RTCOR before
setting bits RTCK2 to RTCK0. When changing RTCNT and RTCOR, the count operation should
be halted. When changing bits RTCK2 to RTCK0, change them only after disabling the external
access and external bus release by the EXDMAC, if the write data buffer function is in use,
disabling the write data buffer function and reading the external space.
The external space cannot be accessed during auto-refresh.
Figure 9.76 shows auto-refresh cycle timing.
The operation of refresh counter is same as that for the DRAM interface. For details, see section
9.10.12, Refresh Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com