Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 375Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 376Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 377Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 378Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 379Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 380Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 381Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 382Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 347 of 1468
REJ09B0412-0200
9.12
Idle Cycle
In this LSI, idle cycles can be inserted between the consecutive external accesses. By inserting the
idle cycle, data conflicts between ROM read cycle whose output floating time is long and an
access cycle from/to high-speed memory or I/O interface can be prevented.
9.12.1
Operation
When this LSI consecutively accesses external address space, it can insert an idle cycle between
bus cycles in the following four cases. These conditions are determined by the sequence of read
and write and previously accessed area.
1. When read cycles of different areas in the external address space occur consecutively
2. When an external write cycle occurs immediately after an external read cycle
3. When an external read cycle occurs immediately after an external write cycle
4. When an external access occurs immediately after a DMAC or EXDMAC single address
transfer (write cycle)
Up to four idle cycles can be inserted under the conditions shown above. The number of idle
cycles to be inserted should be specified to prevent data conflicts between the output data from a
previously accessed device and data from a subsequently accessed device.
Under conditions 1 and 2, which are the conditions to insert idle cycles after read, the number of
idle cycles can be selected from setting A specified by bits IDLCA1 and IDLCA0 in IDLCR or
setting B specified by bits IDLCB1 and IDLCB0 in IDLCR: Setting A can be selected from one to
four cycles, and setting B can be selected from one or two to four cycles. Setting A or B can be
specified for each area by setting bits IDLSEL7 to IDLSEL0 in IDLCR. Note that bits IDLSEL7
to IDLSEL0 correspond to the previously accessed area of the consecutive accesses.
The number of idle cycles to be inserted under conditions 3 and 4, which are conditions to insert
idle cycles after write, can be determined by setting A as described above.
After the reset release, IDLCR is initialized to four idle cycle insertion under all conditions 1 to 4
shown above.
Table 9.28 shows the correspondence between conditions 1 to 4 and number of idle cycles to be
inserted for each area. Table 9.29 shows the correspondence between the number of idle cycles to
be inserted specified by settings A and B, and number of cycles to be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com