Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 380Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 381Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 382Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 383Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 384Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 385Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 386Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 387Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 352 of 1468
REJ09B0412-0200
(4)
External Access after Single Address Transfer Write
If an external access occurs after a single address transfer write while bit IDLS3 in IDLCR is set
to 1, idle cycles specified by bits IDLCA1 and IDLCA0 are inserted at the start of the external
access (n = 0 to 7).
Figure 9.96 shows an example of the operation in this case. In this example, bus cycle A is a
single address transfer (write cycle) and bus cycle B is a CPU write cycle. In (a), an idle cycle is
not inserted, and a conflict occurs in bus cycle B between the external device write data and this
LSI write data. In (b), an idle cycle is inserted, and a data conflict is prevented.
Output floating
time is long.
Data conflict
Bus cycle A
Bus cycle B
(a) No idle cycle inserted
(IDLS3 = 0)
B
φ
Address bus
CS (area A)
CS (area B)
LLWR
DACK
Data bus
T
1
T
2
T
3
T
1
T
2
(b) Idle cycle inserted
Bus cycle A
Bus cycle B
T
1
T
2
T
3
T
1
T
i
T
2
(IDLS3 = 1, IDLCA1 = 0, IDLCA0 = 0)
Figure 9.96 Example of Idle Cycle Operation (Write after Single Address Transfer Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com