Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 391Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 392Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 393Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 394Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 395Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 396Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 397Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 398Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 363 of 1468
REJ09B0412-0200
SDRAM
φ
Address bus
RAS
CAS
Precharge-sel
NOP
PALL NOP
NOP
Hi-Z
Hi-Z
Hi-Z
[1]
[2]
[3]
[4]
[9]
[5]
[6]
[7]
[8]
Hi-Z
CS2
Hi-Z
WE
Hi-Z
Hi-Z
Hi-Z
CKE
BREQ
BACK
BREQO
Hi-Z
Data bus
T
1
T
2
DQMLU, DQMLL
External
access cycle
CPU cycle
External bus released state
[1] A low level of the
BREQ signal is sampled at the rising edge of the Bφ signal.
[2] The PALL command is issued.
[3] The bus control signals are driven high at the end of the external access cycle. It takes two cycles or
more after the low level of the
BREQ signal is sampled.
[4] The
BACK signal is driven low, releasing bus to the external bus master.
[5] The
BREQ signal state sampling is continued in the external bus released state.
[6] A high level of the
BREQ signal is sampled.
[7] The
BACK signal is driven high, ending external bus release cycle after one cycle.
[8] When the external space is accessed by an internal bus master or a refresh cycle is requested during external
bus released while the BREQOE bit is set to 1, the
BREQO signal goes low.
[9] Normally the
BREQO signal goes high at the rising edge of the BACK signal.
Figure 9.103 Bus Released State Transition Timing (SRAM Interface is Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com