Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 444Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 445Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 446Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 447Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 448Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 449Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 451Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 416 of 1468
REJ09B0412-0200
Figure 10.15 shows an example of the extended repeat area operation.
External memory
When the area represented by the lower three bits of DSAR (eight bytes)
is specified as the extended repeat area (SARA4 to SARA0 = B'00011)
Repeat
An interrupt request by extended repeat area
overflow can be generated.
Area specified
by DSAR
H'23FFFE
H'23FFFF
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240008
H'240009
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
Figure 10.15 Example of Extended Repeat Area Operation
When an interrupt by an extended repeat area overflow is used in block transfer mode, the
following should be taken into consideration.
When a transfer is stopped by an interrupt by an extended repeat area overflow, the address
register must be set so that the block size is a power of 2 or the block size boundary is aligned with
the extended repeat area boundary. When an overflow on the extended repeat area occurs during a
transfer of one block, the interrupt by the overflow is suspended and the transfer overruns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com