Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 451Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 452Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 456Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 457Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 422 of 1468
REJ09B0412-0200
(3)
Offset Subtraction
When setting the negative value in DOFR, the offset value must be 2's complement. The 2's
complement is obtained by the following formula.
2's complement of offset = 1 + ~offset (~: bit inversion)
Example:
2's complement of H'0001FFFF
= H'FFFE0000 + H'00000001
= H'FFFE0001
The value of 2's complement can be obtained by the NEG.L instruction.
10.5.7
Register during DMA Transfer
The DMAC registers are updated by a DMA transfer. The value to be updated differs according to
the other settings and transfer state. The registers to be updated are DSAR, DDAR, DTCR, bits
BKSZH and BKSZ in DBSR, and the DTE, ACT, ERRF, ESIF, and DTIF bits in DMDR.
(1)
DMA Source Address Register
When the transfer source address set in DSAR is accessed, the contents of DSAR are output and
then are updated to the next address.
The increment or decrement can be specified by bits SAT1 and SAT0 in DACR. When SAT1 and
SAT0 = B'00, the address is fixed. When SAT1 and SAT0 = B'01, the address is added with the
offset. When SAT1 and SAT0 = B'10, the address is incremented. When SAT1 and SAT0 = B'11,
the address is decremented. The size of increment or decrement depends on the data access size.
The data access size is specified by bits DTSZ1 and DTSZ0 in DMDR. When DTSZ1 and DTSZ0
= B'00, the data access size is byte and the address is incremented or decremented by 1. When
DTSZ1 and DTSZ0 = B'01, the data access size is word and the address is incremented or
decremented by 2. When DTSZ1 and DTSZ0 = B'10, the data access size is longword and the
address is incremented or decremented by 4. Even if the access data size of the source address is
word or longword, when the source address is not aligned with the word or longword boundary,
the read bus cycle is divided into byte or word cycles. While data of one word or one longword is
being read, the size of increment or decrement is changing according to the actual data access size,
for example, +1 or +2 for byte or word data. After one word or one longword of data is read, the
address when the read cycle is started is incremented or decremented by the value according to
bits SAT1 and SAT0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com