Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 458Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 459Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 460Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 461Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 462Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 463Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 464Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 465Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 430 of 1468
REJ09B0412-0200
10.5.10
Bus Cycles in Dual Address Mode
(1)
Normal Transfer Mode (Cycle Stealing Mode)
In cycle stealing mode, the bus is released every time one transfer size of data (one byte, one
word, or one longword) is completed. One bus cycle or more by the CPU or DTC are executed in
the bus released cycles.
In figure 10.24, the
TEND signal output is enabled and data is transferred in words from the
external 16-bit 2-state access space to the external 16-bit 2-state access space in normal transfer
mode by cycle stealing.
DMA read
cycle
DMA write
cycle
Address bus
DMA read
cycle
DMA write
cycle
DMA read
cycle
DMA write
cycle
B
φ
RD
LHWR, LLWR
TEND
Bus
released
Bus
released
Bus
released
Bus
released
Last transfer cycle
Figure 10.24 Example of Transfer in Normal Transfer Mode by Cycle Stealing
In figures 10.25 and 10.26, the
TEND signal output is enabled and data is transferred in longwords
from the external 16-bit 2-state access space to the 16-bit 2-state access space in normal transfer
mode by cycle stealing.
In figure 10.25, the transfer source (DSAR) is not aligned with a longword boundary and the
transfer destination (DDAR) is aligned with a longword boundary.
In figure 10.26, the transfer source (DSAR) is aligned with a longword boundary and the transfer
destination (DDAR) is not aligned with a longword boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com