Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 530 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 530 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 526Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 527Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 528Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 529Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 530Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 531Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 532Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 533Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 498 of 1468
REJ09B0412-0200
When transfer starts, the offset value is added to the transfer source address and the data is
transferred. The data is aligned in the order of transfer in the transfer destination. After up to data
4 is transferred, the EXDMAC assumes that a repeat-size transfer completed, and restores the
transfer source address to the transfer start address (address of transfer source data 1). At the same
time, a repeat size end interrupt is requested. This interrupt request aborts the transfer temporarily.
Overwrite the EDSAR value to the data 5 address by accessing the I/O register via the CPU. (For
longword transfer, add 4 to the address of data 1.) When the DTE bit in EDMDR is set to 1,
transfer is resumed from the state in which the transfer is aborted. The transfer source data is XY-
converted and transferred to the transfer destination by repeating the above processing.
Figure 11.20 shows the XY conversion flow.
: User side
:EXDMAC side
Start
Set address and transfer count
Set repeat transfer mode
Set DTE bit to 1
Transfer request accepted
Data transfer
Transfer counter and
repeat size decremented
Enable repeat cancel interrupt
Set transfer source address + 4
Transfer source address restored
End of repeat size
Interrupt requested
Transfer count = 0
Repeat size = 0
End
No
No
Yes
Yes
(For longword transfer)
Figure 11.20 Flow of XY Conversion Combining Repeat Transfer Mode and Offset
Addition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com