Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 539Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 540Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 541Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 542Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 543Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 544Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 545Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 546Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 511 of 1468
REJ09B0412-0200
Figure 11.30 shows an example of block transfer mode transfer activated by the
EDREQ pin
falling edge.
EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the
DTE bit write cycle.
When a low level is sampled at the
EDREQ pin while acceptance of a transfer request via the
EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated
within the EXDMAC, the request is cleared, and
EDREQ pin high level sampling for edge sensing
is started. If
EDREQ pin high level sampling is completed by the end of the EXDMA write cycle,
acceptance resumes after the end of the write cycle, and
EDREQ pin low level sampling is
performed again. This sequence of operations is repeated until the end of the transfer.
Idle
Idle
Idle
Minimum 3 cycles
Minimum 3 cycles
Transfer
source
Transfer
destination
Transfer
destination
Transfer
source
Read
Write
Read
Write
Bus release
Bus release
Bus release
B
φ
EDREQ
Address bus
EXDMA
control
Channel
[1]
[2]
[3]
[4]
[5]
[6]
[7]
Acceptance resumed
Acceptance resumed
[1] Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of Bφ, and request is held.
[2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC.
[3], [6] EXDMA cycle starts;
EDREQ pin high level sampling is started at rise of Bφ.
[4], [7] When
EDREQ pin high level has been sampled, acceptance is resumed after completion of write cycle.
(As in [1],
EDREQ pin low level is sampled at rise of Bf, and request is held.)
One block transfer
One block transfer
Request
Request
Request clearance period
Request clearance period
EXDMA
read
EXDMA
read
EXDMA
write
EXDMA
write
Figure 11.30 Example of Block Transfer Mode Transfer Activated
by
EDREQ Pin Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com