Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 586Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 587Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 588Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 589Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 590Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 591Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 556 of 1468
REJ09B0412-0200
11.10
Usage Notes
1. EXDMAC Register Access during Operation
Except for clearing the DTE bit to 0 in EDMDR, settings should not be changed for a channel
in operation (including the transfer standby state). Transfer must be disabled before changing a
setting for an operational channel.
2. Module Stop State
The EXDMAC operation can be enabled or disabled by the module stop control register. The
initial value is "enabled".
When the MSTPA14 bit is set to 1 in MSTPCRA, the EXDMAC clock stops and the
EXDMAC enters the module stop state. However, 1 cannot be written to the MSTPA14 bit
when any of the EXDMAC's channels is enabled for transfer, or when an interrupt is being
requested. Before setting the MSTPA14 bit, first clear the DTE bit in EDMDR to 0, then clear
the DTIF or DTIE bit in EDMDR to 0.
When the EXDMAC clock stops, EXDMAC registers can no longer be accessed. The
following EXDMAC register settings remain valid in the module stop state, and so should be
disabled, if necessary, before making the module stop transition.
• ETENDE = 1 in EDMDR (ETEND pin enable)
• EDRAKE = 1 in EDMDR (EDRAK pin enable)
• EDACKE = 1 in EDMDR (EDACK pin enable)
3.
EDREQ Pin Falling Edge Activation
Falling edge sensing on the
EDREQ pin is performed in synchronization with EXDMAC
internal operations, as indicated below.
1. Activation request standby state: Waits for low level sensing on
EDREQ pin, then goes to
[2].
2. Transfer standby state: Waits for EXDMAC data transfer to become possible, then goes to
[3].
3. Activation request disabled state: Waits for high level sensing on
EDREQ pin, then goes to
[1].
After EXDMAC transfer is enabled, the EXDMAC goes to state [1], so low level sensing is
used for the initial activation after transfer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com