Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 657Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 658Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 660Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 661Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 662Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 663Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 664Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 629 of 1468
REJ09B0412-0200
(7)
PA1/
BACK/(RD/WR-A)
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PA1DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
BACK_OE
Byte Control
SRAM
Selection
(RD/
WR-A)_OE PA1DDR
BACK output *
1
0
1
Bus controller
RD/
WR-A output *
0
0
1
PA1 output
0
0
0
1
I/O port
PA1 input
(initial value)
0
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(8)
PA0/
BREQO/BS-A
The pin function is switched as shown below according to the combination of operating mode and
the EXPE bit, the bus controller register, the port function control register (PFCR), and the
PA0DDR bit settings.
Setting
I/O Port
Bus Controller
I/O Port
Module Name
Pin Function
BS-A_OE
BREQO_OE
PA0DDR
BS-A output*
1
Bus controller
BREQO output*
0
1
PA0 output
0
0
1
I/O port
PA0 input
(initial value)
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com