Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 664Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 665Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 666Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 667Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 668Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 669Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 670Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 671Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 636 of 1468
REJ09B0412-0200
13.2.10
Port E
The pin function of port E can be switched with that of port K according to the combination of
operating mode, the EXPE bit, and the PCJKE bit settings. The pin function of port E can be
switched according to the PCJKE bit setting in the single-chip mode (EXPE = 0). However, do not
change the setting of the PCJKE bit in external extended mode. For details, see section 13.3.12,
Port Function Control Register D (PFCRD).
(1)
PE7/A15, PE6/A14, PE5/A13, PE4/A12, PE3/A11, PE2/A10, PE1/A9, PE0/A8
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, and the PEnDDR bit settings.
Setting
I/O Port
Module Name
Pin Function
MCU Operating Mode
PEnDDR
On-chip ROM disabled extended mode
Bus controller
Address output
On-chip ROM enabled extended mode
1
PEn output
Single-chip mode*
1
I/O port
PEn input
(initial value)
Modes other than on-chip ROM
disabled extended mode
0
[Legend]
n:
0 to 7
Note:
*
Address output is enabled by setting PDnDDR = 1 in external extended mode
(EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com