Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 756 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 756 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 752Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 753Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 754Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 755Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 756Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 757Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 758Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 759Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 760Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 756 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 724 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
7
TCFD
1
R
Count Direction Flag
Status flag that shows the direction in which TCNT counts in
channels 1, 2, 4, and 5.
In channels 0 and 3, bit 7 is reserved. It is always read as 1
and cannot be modified.
0: TCNT counts down
1: TCNT counts up
6
1
Reserved
This bit is always read as 1 and cannot be modified.
5
TCFU
0
R/(W)* Underflow Flag
Status flag that indicates that a TCNT underflow has occurred
when channels 1, 2, 4, and 5 are set to phase counting mode.
In channels 0 and 3, bit 5 is reserved. It is always read as 0
and cannot be modified.
[Setting condition]
When the TCNT value underflows (changes from H'0000 to
H'FFFF)
[Clearing condition]
When a 0 is written to TCFU after reading TCFU = 1
(When the CPU is used to clear this flag by writing 0 while the
corresponding interrupt is enabled, be sure to read the flag
after writing 0 to it.)
4
TCFV
0
R/(W)* Overflow Flag
Status flag that indicates that a TCNT overflow has occurred.
[Setting condition]
When the TCNT value overflows (changes from H'FFFF to
H'0000)
[Clearing condition]
When a 0 is written to TCFV after reading TCFV = 1
(When the CPU is used to clear this flag by writing 0 while the
corresponding interrupt is enabled, be sure to read the flag
after writing 0 to it.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com