Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 800 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 800 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 796Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 797Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 798Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 799Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 800Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 801Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 802Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 803Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 768 of 1468
REJ09B0412-0200
14.10.3
Caution on Cycle Setting
When counter clearing by compare match is set, TCNT is cleared in the final state in which it
matches the TGR value (the point at which the count value matched by TCNT is updated).
Consequently, the actual counter frequency is given by the following formula:
f
=
P
φ
(N
+ 1)
f:
P
φ:
N:
Counter frequency
Operating frequency
TGR set value
14.10.4
Conflict between TCNT Write and Clear Operations
If the counter clearing signal is generated in the T2 state of a TCNT write cycle, TCNT clearing
takes precedence and the TCNT write is not performed. Figure 14.47 shows the timing in this
case.
Counter clear
signal
H'0000
P
φ
TCNT
N
Address
Write
T
1
T
2
TCNT address
TCNT write cycle
Figure 14.47 Conflict between TCNT Write and Clear Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com